PART |
Description |
Maker |
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CDP1881C CDP1881CE CDP1882 CDP1882C CDP1882CE CDP1 |
CMOS 6-Bit Latch and Decoder Memory Interfaces(CMOS 6位锁存和解码存储器接口) 的CMOS 6位锁存器和解码器存储器接口的CMOS6位锁存和解码存储器接口) CMOS 6-Bit Latch and Decoder Memory Interfaces HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP20 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RCLAMP0544M RCLAMP0544M.TBT |
RailClamp? ESD Protection for HDMI Interfaces RailClamp㈢ ESD Protection for HDMI Interfaces
|
Semtech Corporation
|
STR73XF STR736FV2T6 STR730FZ1T6 STR731FV0T6 STR731 |
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART20定时器,ADC2通信设备。接 ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART0定时器,ADC2通信设备。接 ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART0定时器,ADC12通信设备。接
|
意法半导 STMicroelectronics N.V.
|
TLP55807 TLP558 |
Microprocessor System Interfaces
|
Toshiba Semiconductor
|
LCDA12 LCDA12TB LCDA12TE LCDA15 LCDA15TB LCDA15TE |
Sensors, Humidity; Humidity Range:10 to 90% 低电容二极管二极管阵列对于高速数据接 Low Capacitance TVS Diode Array For High-Speed Data Interfaces Low Capacitance TVS Diode Array for High Speed Data Interfaces
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
GXP5S.410A306 GXP5S.410A316 GXP5S.410M106 GXP5S.41 |
Absolute encoders - bus interfaces
|
Baumer IVO GmbH & Co. KG
|
NIM-S26A |
pci-express host interfaces
|
AAEON Technology
|
GBP5H.010A316 GBP5H.110A316 GBP5H.B10A316 GBP5H.41 |
Absolute encoders - bus interfaces
|
Baumer IVO GmbH & Co. KG
|
GXP6W.0102001 GXP6W.B102001 GXP6W GXP6W.1102001 GX |
Absolute encoders - bus interfaces
|
http:// Baumer IVO GmbH & Co. KG
|